Part Number Hot Search : 
00B0L MSD61A4 58010 LT0412 0213630 C28C200 A1770 CM2135
Product Description
Full Text Search
 

To Download JH22240320BCNUNNFZLWC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jh22240320b ver: 1.0 - 0 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . module no. jh22240320b jewel hill electronic co.,ltd . specifications for lcd module e-mail: sales@jhlcd.com website: www.jhlcd.com
jh22240320b ver: 1.0 - 1 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . table of contents lcm number system 1.geberal descriptiong??????????????????... 2.general features?????????????????????. 3. absolute maximum ratings???????????????.. 4. electrical specifications????????????................ 5. optical specifications?????????????????? 6. block diagram??????????????????????.. 7. pin description?????????????.. ????????... 8. outline dimension????????????????????... 9. timing characteristics????????????????? 10. reliability and inspection standard?????????.. 11. inspection criterion??????????????????.. 12. package information??????????????????. 13. rohs compliant warranty???????????????.. 14. precautions for use??????????????????? 15. revision history????????????????????? sample approved report
jh22240320b ver: 1.0 - 2 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . lcm number system lcd display mode: n: negative; o:other; jewel hill elec tronic co.,ltd. with tp: n: without touch panel; y:with tohch panel viewing direction: u: upper(12:00);d:down(6:00); l: left(9:00); r:right(3:00);s;super view;f:full view c:ccfl; e:el; l:led; f:fpc o:other; h:heatseal; z:zebra; w: wide temperature; o:super wide temperature n: normal temperature; m:middle temperature; temperature range: t:transmissive; f:transflective: o: other charact er modules: connector: lcm size;18:1.8";20:2.0"; 22:2.2"....... graphic mod ules:number of commons and segments serial number:c: cstn polarizer type: backlight mode: version number: v00v99 jh 22 240320 b t n u w n t f l w n -v00- sc t: tft backlight color: w:white; o:other; n:without controller; c:with controller; ic controller: serial numbera--z. special code: p: pin;c:connect;o: other;........
jh22240320b ver: 1.0 - 3 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 1. general description. the jh22240320b model is a color tft lcd. this main module has a 2.2 inch diagonally measured active display area with 240(rgb)320 resolution. each pixel is divided into red, green and blue sub-pixels and dot s which are arranged in vertical stripes. the lcd color is determined with 262,000 colors signal for each pixel. the jh22240320b has been designed to apply the interface method that enables low power, high speed, and high contrast. the jh22240320b is intended to support applications where thin thickness, wide viewing angle and low power are critical factors and graphic displays are important. 2. general features. item display panel remark display mode normally white, transmissive lcd viewing direction 12 o?clock input signals 4spi outside dimensions 40.3mm(w)*54.36mm(h)*3.25mm(t) effective area - active area 33.48mm(w) 44.64mm(h) number of pixels 240 rgb 320pixels pixel pitch 0.1395mm(h ) 0.1395mm(w) pixel arrangement rgb vertical stripes drive ic ili9341 3.absolute maximum ratings the following are maximum values which, if exceeded may cause operation or damage to the unit. item symbol min. typ. max. unit remark power for circuit driving vdd -0.3 - 3.3 v power for circuit logic vci -0.3 - 3.3 v lc operating voltage *1) vop - v 25.6 v b b b b b b b b b f b b b b b b b b b 3.0 3.2 3.4 v led forward current if - 45 - ma led luminance b b b b b b b b b b p b b b b b b b b b 4000 - - cd/m p p p p p p p p p 2 p p p p p p p p p p p p p p p p p p p p p p p storage humidity h b b b b b b b b b st b b b b b b b b b 10 - 90 %rh storage temperature t b b b b b b b b b st b b b b b b b b b -30 - 80 operating ambient humidity h b b b b b b b b b op b b b b b b b b b 10 - 90 %rh operating ambient temperature t b b b b b b b b b op b b b b b b b b b -20 - 70 at 255
jh22240320b ver: 1.0 - 4 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . note: *1) liquid crystal driving voltage. due to the characteristics of lc material, this voltage vary with environmental temperature. *2) temp . >60 , absolute humidity shall be less than 90%rh at 60 *3) temp . 6 0 , 90%rh max. 4.electrical specification main window display (unless specified, the am bient temperature ta=25 ) properties sym. min typ. max unit note power for circuit driving vdd 1.65 2.8 3.3 v note power for circuit logic vci 2.7 2.8 3.3 v note blu driving logic vbat - - - v low voltage vil 0 - 0.2vdd v logic input voltage high voltage vih 0.8vdd - vdd v low voltage vol 0 - 0.1vdd v logic output voltage high voltage voh 0.9vdd - vdd v white p b b b b b b b b b w b b b b b b b b b t.b.d t.b.d t.b.d mw black p b b b b b b b b b b b b b b b b b b b t.b.d t.b.d t.b.d mw power consumption vertical stripe p b b b b b b b b b v b b b b b b b b b t.b.d t.b.d t.b.d mw note: the recommended operating conditions refer to a range in which operation of this product is guaranteed. should this range is exceeded, the operation cannot be guaranteed even if the values may be wit hout the absolute maximum ratings. accordingly, please make sure that the module is used within this range. and these current values are measured under the c ondition that all devices are stopped, each component is stable and logic signal is input.
jh22240320b ver: 1.0 - 5 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 5.optical specification.
jh22240320b ver: 1.0 - 6 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd .
jh22240320b ver: 1.0 - 7 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd .
jh22240320b ver: 1.0 - 8 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 6.block diagram. 240 (rgb) 320 display panel (tft lcd transmissive) gate signal (320) source signal (240*3) driver & controller (all-in-one) ( ili9341 ) sck,cs,ao, reset, sda power(v cc,vci,iovcc ) sck,cs,ao, reset, sda m p u & p o w e r i/f a k
jh22240320b ver: 1.0 - 9 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 7.pin description pin no. symbol description 1 vss the power ground 2 ledk- led- 3 leda+ led+ 4 vss the power ground 5 /res read enable clock input pin 6 a0 reset pin 7 sda serial data input pin 8 sck a synchronous clock pin 9 vdda the power supply 2.8v 10 vddio the power supply 1.8v/2.8v 11 cs chip select pin 12 vss the power ground 13 yd touch panel y_down(nc) 14 xl touch panel x_left(nc) 15 yu touch panel y_up(nc) 16 xr touch panel x_right(nc) 17 vss the power ground 18 vss the power ground
jh22240320b ver: 1.0 - 10 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 8.outline dimension.
jh22240320b ver: 1.0 - 11 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 9.timing characteristics 9.1. 4spi-system bus interface operation 9.2. timing characteristics normal write mode, iovcc=1.65v~3.3v,vcc=2.5v~3.3v
jh22240320b ver: 1.0 - 12 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 9. 3 reset operation (vcc=1.65~3.1 v) 10.reliability and inspection standard no. test item test conditions remark storage 80 , 120hr note 1 high temperature operation 70 , 120hr note storage -30 , 120hr 2 low temperature operation -20 , 120hr note 3 high temperature and high humidity 60 , 90%rh, 120hr note storage -10 (1hr) ? 25 (5min) ? 60 (1hr) 32 cycles 4 temperature cycle operation -20 (1hr) ? 25 (5min) ? 60 (1hr) 25 cycles note 5 peeling off (storage) R 500gf/cm note 6 fpc bending test R 6,000 times, 2/sec note 7 vibration test(storage) 50hz, 30min, amplitude: 2 cm, x/y/z directions note 8 drop test 60cm/ 3corner/ 8face, 1cycle note note: 1) the test samples should be applied to only one test item. 2) sample size for each test item is 5~10pcs. 3) for damp proof test, pure water(resistance>1m ? ) should be used. 4) in case of malfunction defect caused by esd damage, if it would be recovered to normal state after resetting, it would be judged as a good part. 5) el evaluation should be excepted from re liability test with humid ity and temperature: some defects such as black spot/blemish can happen by natural chemical reaction with humidity and fluorescence el has. 6) after the reliability test, the test sample s should be inspected after 2 hours at least. 7) functional test is ok. missing segment, shorts, unclear segment, non display, display abnormally, liquid crystal leak are not allowed. 8) after testing, the current idd should be within initial value 20%. 9) no low temperature bubbles ,end seal loose and fall, frame rainbow, acf bubble growing are allowable in the appearance test.
jh22240320b ver: 1.0 - 13 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 11.inspection criterion 11.1. sampling method unless otherwise agreed upon in writing, the sa mpling inspection shall be applied to the customer?s incoming inspection. 1) lot size: quantity per shipment lot 2) sampling type: normal inspection , single sampling 3) inspection level: 4) sampling table: mil-std-105d 5) acceptable quality level(aql): major=0.65 minor=1.5 11.2. inspection method 1) ambient condition: a. temperature: r oom temperature 255 b. illumination: single fluorescent lamp non-directive(300 to 700 lux) 2) viewing distance the distance between the lcd and the inspector s eyes shall be at least 30-50cm. 3) viewing angle the inspection shall be conducted within normal viewing angle range. 11.3. inspection criteria 11.3.1. major defect no. item inspection standard classification of defects 1 all functional defects 1) no display 2) display abnormally 3) open or missing segment 4) short circuit 5) excess power consumption 6) backlight no lighting, flickering and abnormal lighting major 2 missing missing component major 3 outline dimension overall outline dimension beyond the drawing is not allowed major
jh22240320b ver: 1.0 - 14 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 11.3.2. cosmetic defect no. item inspection standard classification of defects for dark/white spot, size is defined as =(x+y)/2 1 (spot defect) black and white spot pinhole size (mm) acceptable quantity 0.1 ignore 0.10 ? 0.15 2 0.15 ? 0.2 1 0.2< 0 minor 2 (line defect) black and white line polarizer scratch width(mm) length(mm);acceptable qty 0.03 ignore 0.03 jh22240320b ver: 1.0 - 15 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 11.3.3. cosmetic defect no. item inspection standard classification of defects 1) chip on the corner x y z 3.0 s t remark: s=contact pad length; t=the thickness of glass chips on the corner of terminal shall not be allowed to extend into the ito pad or expose perimeter seal. acceptable quantity n 2. minor 2) chip on the edge of glass x y z ignore 0.5 t acceptable quantity: n 2 minor 1 glass defect 3) creak creaks tend to break are not allowed. minor
jh22240320b ver: 1.0 - 16 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd .
jh22240320b ver: 1.0 - 17 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 12. package information.
jh22240320b ver: 1.0 - 18 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 13.rohs compliant warranty.
jh22240320b ver: 1.0 - 19 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 14.precautions for using lcd modules handing precautions (1) the display panel is made of glass and polarizer. as glass is fragile, it tends to become or chipped during handling especially on the edges. please avoid dropping or jarring. do not subject it to a mechanical shock by dropping it or impact. (2) if the display panel is damaged and the liquid crystal substance leaks out, be sure not to get any in your mouth. if the substance contacts your skin or clothes, wash it off using soap and water. (3) do not apply excessive force to the displa y surface or the adjoining areas since this may cause the color tone to vary. do not touch the display with bare hands. this will stain the display area and degraded insulati on between terminals (some cosmetics are determined to the polarizer). (4) the polarizer covering the display surface of the lcd module is soft and easily scratched. handle this polarizer carefully. do not touch, push or rub the exposed polarizers with anything harder than an hb penc il lead (glass, tweezers, etc.). do not put or attach anything on the display area to avoid leaving marks on. condensation on the surface and contact with terminals due to cold will damage, stain or dirty the polarizer. after products are tested at low temperature they must be warmed up in a container before coming is contac ting with room temperature air. (5) if the display surface becomes contami nated, breathe on the surface and gently wipe it with a soft dry cloth. if it is heavily c ontaminated, moisten cl oth with one of the following solvents - isopropyl alcohol - ethyl alcohol do not scrub hard to avoid damaging the display surface. (6) solvents other than those above-menti oned may damage the polarizer. especially, do not use the following. - water - ketone - aromatic solvents wipe off saliva or water drops immediately, contact with water over a long period of time may cause deformation or color fading. avoid contacting oil and fats. (7) exercise care to minimi ze corrosion of the electrode. corrosion of the electrodes is accelerated by water droplets, moisture condensation or a current flow in a high-humidity environment. (8) install the lcd module by using the m ounting holes. when mounting the lcd module make sure it is free of twisting, warping and di stortion. in particular, do not forcibly pull or bend the i/o cable or the backlight cable.
jh22240320b ver: 1.0 - 20 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . (9) do not attempt to disassemble or process the lcd module. (10) nc terminal should be open. do not connect anything. (11) if the logic circuit power is off, do not apply the input signals. (12) since lcm has been assembled and adjust ed with a high degree of precision, avoid applying excessive shocks to the module or making any alterations or modifications to it. - do not alter, modify or change the shape of the tab on the metal frame. - do not make extra holes on the printed circuit board, modify its shape or change the positions of components to be attached. - do not damage or modify the pattern writing on the printed circuit board. - absolutely do not modify the zebra r ubber strip (conductive rubber) or heat seal connector. - except for soldering the interface, do not make any alterations or modifications with a soldering iron. - do not drop, bend or twist lcm. storage precautions when storing the lcd modules, the following precaution is necessary. (1) store them in a sealed polyethylene bag. if properly sealed, there is no need for the dessicant. (2) store them in a dark place. do not expos e to sunlight or fluorescent light, keep the temperature between 0c and 35c. (3) the polarizer surface should not come in contact with any other objects. (we advise you to store them in the contai ner in which they were shipped). others liquid crystals solidify under low temperatur e (below the storage temperature range) leading to defective orientation or the gener ation of air bubbles (black or white). air bubbles may also be generated if the module is subject to a low temperature. if the lcd modules have been operating for a long time showing the same display patterns, the display patterns may remain on the screen as ghost images and a slight contrast irregularity may also appear. a normal operating status can be regained by suspending use for some time. it should be noted that this phenomenon does not adversely affect performance reliability. to minimize the performance degradation of t he lcd modules resulting from destruction caused by static electricity etc., exercise ca re to avoid holding the following sections when handling the modules. - exposed area of the printed circuit board. -terminal electrode sections.
jh22240320b ver: 1.0 - 21 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . 15. revision history. version revise record date 1.0 original version 13-08-15
jh22240320b ver: 1.0 - 22 - issue date: 2013/ 08 / 15 j e w el hill ele c tr on i c co., ltd . sample approved report ( ??? ) sample model no. ( ?? ) jh22240320b sample series number no. ( ? ) sample quantity ( ? ) color/type ( ? / ) tft/negative viewing direction ( ? ) 12h driving method ( ) 1/320duty logic voltage ( ? ) 2.8v lcd vop (lcd ? ) operating temp. ( ? ) -20 ~ 70 storage temp. ( ? ) -30 ~ 80 polarizer----front ( ?? ) polarizer----back ( ?? ) transmissive controller/driver ic( / ic) ili9341(cog) backlight color/type ( ? / ? ) white drawing rev/no./quantity ( ?? / ) specification ( ) remarks ( ? ) writ by _________ date _________ aprov by _________ date ________ customer?s approval ( ?? ) 1 function ? ok n.g. 2 driver condition ok n.g. 3 display mode ??? ok n.g. 4 viewing angle ?? ok n.g. 5 backlight ? ok n.g. 6 displaying pattern ? ok n.g. customer?s conclusions ( ? ) ______________________________________ _______________________________________________________________________________ ________________________________________ customer?s signature ?? _____________ date ( ) ___________


▲Up To Search▲   

 
Price & Availability of JH22240320BCNUNNFZLWC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X